this document was generated on 05/16/2017 please check www.molex.com for latest part information part number: 0348269200 status: active overview: mini50? connection systems description: mini50? unsealed right angle header, dual row, 20 circuit, polarization option a, black, tube documents: 3d model application specification as-34791-020-fr-001 (pdf) drawing (pdf) packaging specification pk-31301-688 (pdf) product specification ps-34791-020-001 (pdf) rohs certificate of compliance (pdf) application specification as-34791-020-001 (pdf) product literature (pdf) application specification as-34791-020-ch-001 (pdf) general product family pcb headers series 34826 application power, signal, wire-to-board overview mini50? connection systems product literature order no 987650-5442 product name mini50? upc 887191402734 physical breakaway no circuits (loaded) 20 circuits (maximum) 20 color - resin black durability (mating cycles max) 10 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part yes lock to mating part yes material - metal brass material - plating mating tin over nickel material - plating termination tin over nickel material - resin high temperature thermoplastic net weight 3.415/g number of rows 2 orientation right angle pc tail length 2.80mm pcb locator yes packaging type tube pitch - mating interface 2.00mm polarized to mating part yes polarized to pcb yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 4.0a voltage - maximum 500v dc solder process data duration at max. process temperature (seconds) 040 series image - reference only eu elv compliant eu rohs china rohs compliant reach svhc not contained per -ed/01/2017 (12 january 2017) halogen-free status not relevant need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs not relevant elv compliant rohs phthalates not contained search parts in this series 34826 series mates with 34824 mini50? unsealed dual row receptacle
lead-freeprocess capability smc&wave max. cycles at max. process temperature 003 process temperature max. c 260 material info reference - drawing numbers application specification as-34791-020-001, as-34791-020-ch-001, as-34791-020-fr-001 packaging specification pk-31301-688 product specification ps-34791-020-001 sales drawing sd-34826-001 this document was generated on 05/16/2017 please check www.molex.com for latest part information
|